Part Number Hot Search : 
KBU6B KTD2058 89C51ED2 A1700 N5401 PD893D2 82C55 LM319H
Product Description
Full Text Search
 

To Download TC3843A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TC3843A rev0_20071102 transcom, inc., 90 dasoong 7 th road, tainan science-based industrial park, hsin-s he shiang, tainan county, taiwan, r.o.c. web-site: www.transcominc.com.tw phone: 886-6-5050086 fax: 886-6-5051602 p1 / 3 1710~1785 mhz single-bias gaas low noise amplifier features photo enlargement  50 ohm matched for 1710~1785 mhz  24 dbm typical p1db  16 db typical linear power gain  36 dbm typical ip3  1.1 db typical noise figure  nominal pae of 26%  breakdown voltage: bv dgo 15v  6.0 volt single bias  suitable for high reliability application description the TC3843A is a single-bias with 50 ohm matched ga as fet. it is designed for low cost, high volume, a pplied for 1710~1785 mhz low noise amplifiers. it provides noise figure of 1.1 db, gain of 16 db and p1db of 24 dbm, typically. the single positive drain bias is 6 v an d the typical drain-source current is 160 ma. the d evice is packaged in a copper based ceramic 10-pin smt packa ges. the copper based carrier of the package allows direct soldering of the device to the pcb. electrical specifications (t a =25 ) symbol conditions min typ max unit freq frequency range 1710 1785 mhz p 1db output power at 1db gain compression point, v ds = 6 v 22 24 dbm g l linear power gain, v ds = 6 v 14 16 db ip3 intercept point of the 3 rd -order intermodulation, v ds = 6 v, *p scl = 14 dbm 33 36 dbm nf noise figure, v ds = 6 v 1.1 1.5 db pae power added efficiency at 1db compression power 26 % i ds drain-source current at v ds = 6 v 160 220 ma bv dgo drain-gate breakdown voltage at i dgo = 0.6 ma 15 18 volts note: *p scl : output power of single carrier level. absolute maximum ratings (t a =25 c) recommanded operating condition symbol parameter rating v ds drain - source voltage 10 v p in rf input power, cw 26 dbm p t continuous dissipation 2.0 w t ch channel temperature 175 c t stg storage temperature - 65 c to +175 c symbol parameter rating v ds drain to source voltage 6 v handling precautions the user must operate in a clean, dry environment. electrostatic discharge (esd) precautions should be observed at all stages of storage, handling, assembly, and t esting. the static discharge must be less than 300v. TC3843A
TC3843A rev0_20071102 transcom, inc., 90 dasoong 7 th road, tainan science-based industrial park, hsin-s he shiang, tainan county, taiwan, r.o.c. web-site: www.transcominc.com.tw phone: 886-6-5050086 fax: 886-6-5051602 p2 / 3 connection diagram * note : grounding is via package case evaluation board pcb material: fr4 er 4.6 thickness 31 mil * application notes: for better heat sinking and grounding, it's recomme nded to have via holes beneath TC3843A filled with solde r and have two screws installed on required heat sink plate besides TC3843A on the pcb area. TC3843A outline diagram TC3843A evaluation circuit TC3843A
TC3843A rev0_20071102 transcom, inc., 90 dasoong 7 th road, tainan science-based industrial park, hsin-s he shiang, tainan county, taiwan, r.o.c. web-site: www.transcominc.com.tw phone: 886-6-5050086 fax: 886-6-5051602 p3 / 3 physical dimensions (unit: inches) tc3843 a


▲Up To Search▲   

 
Price & Availability of TC3843A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X